Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8544ECVTALF Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPC8544ECVTALF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544ECVTALF Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC8544ECVTALF Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
9
Electrical Characteristics
2.1.2
Recommended Operating Conditions
Table 2 provides the recommended operating conditions for this device. Note that the values in Table 2 are
the recommended and tested operating conditions. Proper device operation outside these conditions is not
guaranteed.
DDR and DDR2 DRAM I/O voltage
GVDD
–0.3 to 2.75
–0.3 to 1.98
V—
Three-speed Ethernet I/O, MII management voltage
LVDD (eTSEC1)
–0.3 to 3.63
–0.3 to 2.75
V—
TVDD (eTSEC3)
–0.3 to 3.63
–0.3 to 2.75
V—
PCI, DUART, system control and power management, I2C, and
JTAG I/O voltage
OVDD
–0.3 to 3.63
V
—
Local bus I/O voltage
BVDD
–0.3 to 3.63
–0.3 to 2.75
–0.3 to 1.98
V—
Input voltage
DDR/DDR2 DRAM signals
MVIN
–0.3 to (GVDD + 0.3)
V
2
DDR/DDR2 DRAM reference
MVREF
–0.3 to (GVDD + 0.3)
V
2
Three-speed Ethernet signals
LVIN
TVIN
–0.3 to (LVDD + 0.3)
–0.3 to (TVDD + 0.3)
V2
Local bus signals
BVIN
–0.3 to (BVDD + 0.3)
V
—
DUART, SYSCLK, system control and power
management, I2C, and JTAG signals
OVIN
–0.3 to (OVDD + 0.3)
V
2
PCI
OVIN
–0.3 to (OVDD + 0.3)
V
2
Storage temperature range
TSTG
–55 to 150
°C—
Notes:
1. Functional and tested operating conditions are given in Table 2. Absolute maximum ratings are stress ratings only, and
functional operation at the maximums is not guaranteed. Stresses beyond those listed may affect device reliability or cause.
2. (M,L,O)VIN, and MVREF may overshoot/undershoot to a voltage and for a maximum duration as shown in Figure 2.
Table 2. Recommended Operating Conditions
Characteristic
Symbol
Recommended
Value
Unit
Notes
Core supply voltage
VDD
1.0 ± 50 mV
V
—
PLL supply voltage
AVDD
1.0 ± 50 mV
V
1
Core power supply for SerDes transceivers
SVDD
1.0 ± 50 mV
V
—
Pad power supply for SerDes transceivers
XVDD
1.0 ± 50 mV
V
—
DDR and DDR2 DRAM I/O voltage
GVDD
2.5 V ± 125 mV
1.8 V ± 90 mV
V2
Table 1. Absolute Maximum Ratings1 (continued)
Characteristic
Symbol
Max Value
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com