Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8544ECVTALF Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MPC8544ECVTALF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544ECVTALF Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MPC8544ECVTALF Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
45
Local Bus
10 Local Bus
This section describes the DC and AC electrical specifications for the local bus interface of the
MPC8544E.
10.1
Local Bus DC Electrical Characteristics
Table 42 provides the DC electrical characteristics for the local bus interface operating at
BVDD =3.3 VDC.
Table 43 provides the DC electrical characteristics for the local bus interface operating at
BVDD =2.5 VDC.
Table 44 provides the DC electrical characteristics for the local bus interface operating at
BVDD =1.8 VDC.
Table 42. Local Bus DC Electrical Characteristics (3.3 V DC)
Parameter
Symbol
Min
Max
Unit
Notes
High-level input voltage
VIH
2BVDD + 0.3
V
—
Low-level input voltage
VIL
–0.3
0.8
V
—
Input current (BVIN = 0 V or BVIN = BOVDD)IIN
—±5
μA1
High-level output voltage (BVDD = min, IOH = –2 mA)
VOH
2.4
—
V
—
Low-level output voltage (BVDD = min, IOL = 2 mA)
VOL
—0.4
V
—
Note:
1. The symbol BVIN, in this case, represents the BVIN symbol referenced in Table 1 and Table 2.
Table 43. Local Bus DC Electrical Characteristics (2.5 V DC)
Parameter
Symbol
Min
Max
Unit
Notes
High-level input voltage
VIH
1.70
BVDD + 0.3
V
—
Low-level input voltage
VIL
–0.3
0.7
V
—
Input current (BVIN = 0 V or BVIN = BVDD)IIN
—
±15
μA1
High-level output voltage (BVDD = min, IOH = –1 mA)
VOH
2.0
—
V
—
Low-level output voltage (BVDD = min, IOL = 1 mA)
VOL
—0.4
V
—
Note:
1. The symbol BVIN, in this case, represents the BVIN symbol referenced in Table 1 and Table 2.
Table 44. Local Bus DC Electrical Characteristics (1.8 V DC)
Parameter
Symbol
Min
Max
Unit
Notes
High-level input voltage
VIH
1.3
BVDD + 0.3
V
—
Low-level input voltage
VIL
–0.3
0.6
V
—
Input current (BVIN = 0 V or BVIN = BVDD)IIN
—±15
μA1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com