Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8544ECVTALF Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC8544ECVTALF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544ECVTALF Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC8544ECVTALF Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
4
Freescale Semiconductor
MPC8544E Overview
– Two key (K1, K2, K1) or three key (K1, K2, K3)
– ECB and CBC modes for both DES and 3DES
— AESU—Advanced Encryption Standard unit
– Implements the Rijndael symmetric key cipher
– ECB, CBC, CTR, and CCM modes
– 128-, 192-, and 256-bit key lengths
— AFEU—ARC four execution unit
–
Implements a stream cipher compatible with the RC4 algorithm
–
40- to 128-bit programmable key
— MDEU—message digest execution unit
– SHA with 160- or 256-bit message digest
– MD5 with 128-bit message digest
– HMAC with either algorithm
— KEU—Kasumi execution unit
– Implements F8 algorithm for encryption and F9 algorithm for integrity checking
– Also supports A5/3 and GEA-3 algorithms
— RNG—random number generator
— XOR engine for parity checking in RAID storage applications
•
Dual I2C controllers
— Two-wire interface
— Multiple master support
— Master or slave I2C mode support
— On-chip digital filtering rejects spikes on the bus
•
Boot sequencer
— Optionally loads configuration data from serial ROM at reset via the I2C interface
— Can be used to initialize configuration registers and/or memory
— Supports extended I2C addressing mode
— Data integrity checked with preamble signature and CRC
•
DUART
— Two 4-wire interfaces (SIN, SOUT, RTS, CTS)
— Programming model compatible with the original 16450 UART and the PC16550D
•
Local bus controller (LBC)
— Multiplexed 32-bit address and data bus operating at up to 166 MHz
— Eight chip selects support eight external slaves
— Up to eight-beat burst transfers
— The 32-, 16-, and 8-bit port sizes are controlled by an on-chip memory controller.
— Two protocol engines available on a per chip select basis:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com