Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8544ECVTALF Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # MPC8544ECVTALF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544ECVTALF Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MPC8544ECVTALF Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
73
High-Speed Serial Interfaces (HSSI)
occurs in the 1–15 MHz range. The source impedance of the clock driver should be 50
Ω to match the
transmission line and reduce reflections which are a source of noise to the system.
Table 57 describes some AC parameters common to SGMII, and PCI Express protocols.
Figure 53. Differential Measurement Points for Rise and Fall Time
Table 57. SerDes Reference Clock Common AC Parameters
Parameter
Symbol
Min
Max
Unit
Notes
Rising Edge Rate
Rise Edge Rate
1.0
4.0
V/ns
2, 3
Falling Edge Rate
Fall Edge Rate
1.0
4.0
V/ns
2, 3
Differential Input High Voltage
VIH
+200
—
mV
2
Differential Input Low Voltage
VIL
—
–200
mV
2
Rising edge rate (SD
n_REF_CLK) to falling edge rate
(SD
n_REF_CLK) matching
Rise-Fall Matching
—
20
%
1, 4
Notes:
1. Measurment taken from single ended waveform.
2. Measurment taken from differential waveform.
3. Measured from –200 mV to +200 mV on the differential waveform (derived from SD
n_REF_CLK minus SDn_REF_CLK). The
signal must be monotonic through the measurement region for rise and fall time. The 400 mV measurement window is
centered on the differential zero crossing. See Figure 53.
4. Matching applies to rising edge rate for SD
n_REF_CLK and falling edge rate for SDn_REF_CLK. It is measured using a
200 mV window centered on the median cross point where SD
n_REF_CLK rising meets SDn_REF_CLK falling. The median
cross point is used to calculate the voltage thresholds the oscilloscope is to use for the edge rate calculations. The rise edge
rate of SD
n_REF_CLK should be compared to the fall edge rate of SDn_REF_CLK, the maximum allowed difference should
not exceed 20% of the slowest edge rate. See Figure 54.
VIH = +200 mV
VIL = –200 mV
0.0 V
SD
n_REF_CLK
minus
SD
n_REF_CLK
Fall Edge Rate
Rise Edge Rage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com