Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8544ECVTALF Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # MPC8544ECVTALF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544ECVTALF Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MPC8544ECVTALF Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
38
Freescale Semiconductor
Enhanced Three-Speed Ethernet (eTSEC), MII Management
Figure 20 shows the TBI receive AC timing diagram.
Figure 20. TBI Receive AC Timing Diagram
8.7.3
TBI Single-Clock Mode AC Specifications
When the eTSEC is configured for TBI modes, all clocks are supplied from external sources to the relevant
eTSEC interface. In single-clock TBI mode, when TBICON[CLKSEL] = 1, a 125-MHz TBI receive clock
is supplied on the TSECn_RX_CLK pin (no receive clock is used on TSECn_TX_CLK in this mode,
whereas for the dual-clock mode this is the PMA1 receive clock). The 125-MHz transmit clock is applied
on the TSEC_GTX_CLK125 pin in all TBI modes.
PMA_RX_CLK[0:1] duty cycle
tTRXH/tTRX
40
60
%
RCG[9:0] setup time to rising PMA_RX_CLK
tTRDVKH
2.5
ns
PMA_RX_CLK to RCG[9:0] hold time
tTRDXKH
1.5
ns
PMA_RX_CLK[0:1] clock rise time (20%-80%)
tTRXR
0.7
2.4
ns
PMA_RX_CLK[0:1] clock fall time (80%-20%)
tTRXF
0.7
2.4
ns
Note:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tTRDVKH symbolizes TBI receive
timing (TR) with respect to the time data input signals (D) reach the valid state (V) relative to the tTRX clock reference (K)
going to the high (H) state or setup time. Also, tTRDXKH symbolizes TBI receive timing (TR) with respect to the time data input
signals (D) went invalid (X) relative to the tTRX clock reference (K) going to the high (H) state. Note that, in general, the clock
reference symbol representation is based on three letters representing the clock of a particular functional. For example, the
subscript of tTRX represents the TBI (T) receive (RX) clock. For rise and fall times, the latter convention is used with the
appropriate letter: R (rise) or F (fall). For symbols representing skews, the subscript is skew (SK) followed by the clock that
is being skewed (TRX).
Table 35. TBI Receive AC Timing Specifications (continued)
At recommended operating conditions with L/TVDD of 3.3 V ± 5% or 2.5 V ± 5%.
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
Notes
PMA_RX_CLK1
RCG[9:0]
tTRX
tTRXH
tTRXR
tTRXF
tTRDVKH
PMA_RX_CLK0
tTRDXKH
tTRDVKH
tTRDXKH
tSKTRX
tTRXH
Valid Data
Valid Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com