Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1548MFKB Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1548MFKB
Description  LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1548MFKB Datasheet(HTML) 29 Page - Texas Instruments

Back Button TLV1548MFKB Datasheet HTML 25Page - Texas Instruments TLV1548MFKB Datasheet HTML 26Page - Texas Instruments TLV1548MFKB Datasheet HTML 27Page - Texas Instruments TLV1548MFKB Datasheet HTML 28Page - Texas Instruments TLV1548MFKB Datasheet HTML 29Page - Texas Instruments TLV1548MFKB Datasheet HTML 30Page - Texas Instruments TLV1548MFKB Datasheet HTML 31Page - Texas Instruments TLV1548MFKB Datasheet HTML 32Page - Texas Instruments TLV1548MFKB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
TLV1544C, TLV1544I, TLV1548C, TLV1548I, TLV1548M
LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
SLAS139C – DECEMBER 1996 – REVISED JANUARY 1999
29
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
I/O 2
CLKX
CLKR
DX
DR
Microprocessor
15
18
17
16
14
13
10
3 V dc
Regulated
20
12
CS
I/O CLK
DATA IN
DATA OUT
REF+
REF–
GND
A0–A7
VCC
FS
VCC
Analog Inputs
To Source Ground
1–8
TLV1548†
11
INV CLK
† DB package is shown for TLV1548
Figure 38. Typical Interface to a Microprocessor
IO2
CLKX
CLKR
DX
DR
TMS320 DSP
15
18
17
16
12
CS
I/O CLK
DATA IN
DATA OUT
FS
A0–A7
Analog Inputs
1–8
FSX
FSR
TLV1548‡
20
VCC
VCC
11
INV CLK
REF+
REF–
GND
To Source GND
3 V dc
Regulated
‡ DB package is shown for TLV1548
10
13
14
Figure 39. Typical Interface to a TMS320 DSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com