Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1548MFKB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1548MFKB
Description  LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1548MFKB Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLV1548MFKB Datasheet HTML 13Page - Texas Instruments TLV1548MFKB Datasheet HTML 14Page - Texas Instruments TLV1548MFKB Datasheet HTML 15Page - Texas Instruments TLV1548MFKB Datasheet HTML 16Page - Texas Instruments TLV1548MFKB Datasheet HTML 17Page - Texas Instruments TLV1548MFKB Datasheet HTML 18Page - Texas Instruments TLV1548MFKB Datasheet HTML 19Page - Texas Instruments TLV1548MFKB Datasheet HTML 20Page - Texas Instruments TLV1548MFKB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
TLV1544C, TLV1544I, TLV1548C, TLV1548I, TLV1548M
LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
SLAS139C – DECEMBER 1996 – REVISED JANUARY 1999
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics over recommended operating free-air temperature range,
VCC = Vref+ = 2.7 V to 5.5 V, I/O CLK frequency = 2.2 MHz (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
td(I/O-DATA) Delay time, I/O CLK low to DATA OUT valid
See Figure 11
50
ns
td(I/O-EOC)
Delay time, 10th I/O CLK
↓ to EOC low
See Figure 12
70
240
ns
tPZH, tPZL
Enable time, CS low to DATA OUT valid (MSB driven)
See Figure 8
0.7
1.3
µs
tPHZ, tPLZ
Disable time, CS high to DATA OUT invalid (high impedance)
See Figure 8
70
150
ns
tf(EOC)
Fall time, EOC
See Figure 12
15
50
ns
tr(bus)
Rise time, output data bus at 2.2 MHz I/O CLK
See Figure 11
50
250
ns
tf(bus)
Fall time, output data bus at 2.2 MHz I/O CLK
See Figure 11
50
250
ns
† All typical values are at TA = 25°C.
PARAMETER MEASUREMENT INFORMATION
_
+
C2
0.1
µF
C1
10
µF
15 V
– 15 V
VI
Ax
TLV1544/48
U1
C1
10
µF
C2
0.1
µF
LOCATION
U1
C1
C2
DESCRIPTION
OP27
10-
µF 35-V tantalum capacitor
0.1-
µF ceramic NPO SMD capacitor
PART NUMBER
—
—
AVX 12105C104KA105 or equivalent
EOC
D0
Figure 6. Analog Input Buffer to Analog Inputs
EOC
CL = 50 pF
12 k
Ω
DATA OUT
Test Point
VCC
RL = 2.18 kΩ
CL = 100 pF
12 k
Ω
Test Point
VCC
RL = 2.18 kΩ
Figure 7. Load Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com