Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1548MFKB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1548MFKB
Description  LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1548MFKB Datasheet(HTML) 4 Page - Texas Instruments

  TLV1548MFKB Datasheet HTML 1Page - Texas Instruments TLV1548MFKB Datasheet HTML 2Page - Texas Instruments TLV1548MFKB Datasheet HTML 3Page - Texas Instruments TLV1548MFKB Datasheet HTML 4Page - Texas Instruments TLV1548MFKB Datasheet HTML 5Page - Texas Instruments TLV1548MFKB Datasheet HTML 6Page - Texas Instruments TLV1548MFKB Datasheet HTML 7Page - Texas Instruments TLV1548MFKB Datasheet HTML 8Page - Texas Instruments TLV1548MFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
TLV1544C, TLV1544I, TLV1548C, TLV1548I, TLV1548M
LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
SLAS139C – DECEMBER 1996 – REVISED JANUARY 1999
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.†
NO.‡
I/O
DESCRIPTION
I/O CLK
3
18
I
Input/output clock. I/O CLK receives the serial I/O clock input in the two modes and performs the following
four functions in each mode:
Microprocessor mode
• WhenINVCLK=V
CC, I/O CLK clocks the four input data bits into the input data register on the first four
rising edges of I/O CLK after CS
↓ with the multiplexer address available after the fourth rising edge.
When INV CLK = GND, input data bits are clocked in on the first four falling edges instead.
• On the fourth falling edge of I/O CLK, the analog input voltage on the selected multiplex input begins
charging the capacitor array and continues to do so until the tenth rising edge of I/O CLK except in the
extended sampling cycle where the duration of CSTART determines when to end the sampling cycle.
• Output data bits change on the first ten falling I/O clock edges regardless of the condition of INV CLK.
• I/O CLK transfers control of the conversion to the internal state machine on the tenth rising edge of I/O
CLK regardless of the condition of INV CLK.
Digital signal processor (DSP) mode
• WhenINVCLK=V
CC, I/O CLK clocks the four input data bits into the input data register on the first four
falling edges of I/O CLK after FS
↓ with the multiplexer address available after the fourth falling edges.
When INV CLK = GND, input data bits are clocked in on the first four rising edges instead.
• On the fourth rising edge of I/O CLK, the analog input voltage on the selected multiplex input begins
charging the capacitor array and continues to do so until the tenth falling edge of I/O CLK except in the
extended sampling cycle where the duration of CSTART determines when to end the sampling cycle.
• Output data MSB shows after FS↓and the rest of the output data bits change on the first ten rising I/O
CLK edges regarless of the condition of INV CLK.
• I/OCLKtransferscontroloftheconversiontotheinternalstatemachineonthetenthfallingedgeofI/O
CLK regardless of the condition of INV CLK.
REF+
15
14
I
Upper reference voltage (nominally VCC ). The maximum input voltage range is determined by the difference
between the voltages applied to REF+ and REF–.
REF–
14
13
I
Lower reference voltage (nominally ground)
VCC
5
20
I
Positive supply voltage
† Terminal numbers are for the D package.
‡ Terminal numbers are for the DB, J, and FK packages.
detailed description
Initially, with CS high (inactive), DATA IN and I/O CLK are disabled and DATA OUT is in the high-impedance
state. When the serial interface takes CS low (active), the conversion sequence begins with the enabling of I/O
CLK and DATA IN and the removal of DATA OUT from the high-impedance state. The host then provides the
4-bit channel address to DATA IN and the I/O clock sequence to I/O CLK. During this transfer, the host serial
interface also receives the previous conversion result from DATA OUT. I/O CLK receives an input sequence from
the host that is from 10 to 16 clocks long. The first four valid I/O CLK cycles load the input data register with the
4-bit input data on DATA IN that selects the desired analog channel. The next six clock cycles provide the control
timing for sampling the analog input. Sampling of the analog input is held after the first valid I/O CLK sequence
of ten clocks. The tenth clock edge also takes EOC low and begins the conversion. The exact locations of the
I/O clock edges depend on the mode of operation.
serial interface
The TLV1548 is compatible with generic microprocessor serial interfaces such as SPI and QSPI, and a TMS320
DSP serial interface. The internal latched flag If_mode is generated by sampling the state of FS at the falling
edge of CS. If_mode is set to one (for microprocessor) when FS is high at the falling edge of CS, and If_mode
is cleared to zero (for DSP) when FS is low at the falling edge of CS. This flag controls the multiplexing of I/O
CLK and the state machine reset function. FS is pulled high when interfacing with a microprocessor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com