Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1548MFKB Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1548MFKB
Description  LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1548MFKB Datasheet(HTML) 31 Page - Texas Instruments

Back Button TLV1548MFKB Datasheet HTML 27Page - Texas Instruments TLV1548MFKB Datasheet HTML 28Page - Texas Instruments TLV1548MFKB Datasheet HTML 29Page - Texas Instruments TLV1548MFKB Datasheet HTML 30Page - Texas Instruments TLV1548MFKB Datasheet HTML 31Page - Texas Instruments TLV1548MFKB Datasheet HTML 32Page - Texas Instruments TLV1548MFKB Datasheet HTML 33Page - Texas Instruments TLV1548MFKB Datasheet HTML 34Page - Texas Instruments TLV1548MFKB Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
TLV1544C, TLV1544I, TLV1548C, TLV1548I, TLV1548M
LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
SLAS139C – DECEMBER 1996 – REVISED JANUARY 1999
31
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATIONS INFORMATION
Rs
ri
VS
VC
55 pF MAX
1 k
Ω
Driving Source†
TLV1544/48
Ci
VI
VI = Input Voltage at AIN
VS = External Driving Source Voltage
Rs = Source Resistance
ri = Input Resistance (MUX on Resistance)
Ci = Input Capacitance
VC= Capacitance Charging Voltage
† Driving source requirements:
• Noise and distortion for the source must be equivalent to the resolution of the converter.
• Rs must be real at the input frequency.
Figure 40. Equivalent Input Circuit Including the Driving Source
maximum conversion throughput
For a supply voltage at 5 V, if the source impedance is less than 1 k
Ω, this equates to a minimum sampling
time tch(0.5 LSB) of 0.84 µs. Since the sampling time requires six I/O clocks, the fastest I/O clockfrequency is
6/tch = 7.18 MHz. The minimal total cycle time is given as:
tc = taddress + tsample + tconv + td(EOC↑ – CS↓)
= 0.56
µs + 0.84 µs + 10 µs + 0.1 µs
= 11.5
µs
A maximum throughput of 87 KSPS. The throughput can be even higher with a smaller source impedance.
When source impedance is 100
Ω, the minimum sampling time is 0.46 µs. The maximum I/O clock frequency
possible is almost 13 MHz. Then 10 MHz clock (maximum I/O CLK for TLV1544/1548) can be used. The minimal
total cycle time is:
tc = taddress + tsample + tconv + td(EOC↑ – CS↓)
= 4
× 1/f + 0.46 µs + 10 µs + 0.1 µs
= 0.4
µs + 0.46 µs + 10 µs + 0.1 µs
= 10.96
µs
The maximum throughput is 1/10.96
µs = 91 KSPS for this case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com