| Electronic Components Datasheet Search |
|
TLV1548MFKB Datasheet(PDF) 9 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLV1548MFKB Datasheet(HTML) 9 Page - Texas Instruments |
|
9 / 41 page ![]() TLV1544C, TLV1544I, TLV1548C, TLV1548I, TLV1548M LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS SLAS139C – DECEMBER 1996 – REVISED JANUARY 1999 9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 extended sampling, asynchronous start of sampling: CSTART operation The extended sampling mode of operation programs the acquisition time (tACQ) of the sample-and-hold circuit. This allows the analog inputs of the device to be directly interfaced to a wide range of input source impedances. The extended sampling mode consumes higher power depending on the duration of the sampling period chosen. CSTART controls the sampling period and starts the conversion. The falling edge of CSTART initiates the sampling period of a preset channel. The low time of CSTART controls the acquisition time of the input sample-and-hold circuit. The sample is held on the rising edge of CSTART. Asserting CSTART causes the converter to perform a new sample of the signal on the preset valid MUX channel (one of the eight) and discard the current conversion result ready for output. Sampling continues as long as CSTART is active (negative). The rising edge of CSTART ends the sampling cycle. The conversion cycle starts two internal system clocks after the rising edge of CSTART. Once the conversion is complete, the processor can initiate a normal I/O cycle to read the conversion result and set the MUX address for the next conversion. Since the internal flag AsyncFlag is set high, this flag setting indicates the cycle is an output cycle, so no conversion is performed during the cycle. The internal state machine tests the AsyncFlag on the falling edge of CS. AsyncFlag is set high at the rising edge of CSTART, and it is reset low at the rising edge of each CS. A conversion cycle follows a sampling cycle only if AsyncFlag is tested as low at the falling edge of CS. As shown in Figure 2, an asynchronous I/O cycle can be removed by two consecutive normal I/O cycles. Table 4. TLV1544/1548 Hardware Configuration for Different Operating Modes OPERATING MODES CS CSTART AsyncFlag at CS ↓ ACTION Normal sampling Low High Low Fixed 6 I/O CLK sampling, synchronous conversion follows Normal I/O (read out only) Low High High No sampling, no conversion Extended sampling High Low N/A Flexible sampling period controlled by CSTART, asynchronous conversion follows |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |