Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1548MFKB Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1548MFKB
Description  LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1548MFKB Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLV1548MFKB Datasheet HTML 19Page - Texas Instruments TLV1548MFKB Datasheet HTML 20Page - Texas Instruments TLV1548MFKB Datasheet HTML 21Page - Texas Instruments TLV1548MFKB Datasheet HTML 22Page - Texas Instruments TLV1548MFKB Datasheet HTML 23Page - Texas Instruments TLV1548MFKB Datasheet HTML 24Page - Texas Instruments TLV1548MFKB Datasheet HTML 25Page - Texas Instruments TLV1548MFKB Datasheet HTML 26Page - Texas Instruments TLV1548MFKB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
TLV1544C, TLV1544I, TLV1548C, TLV1548I, TLV1548M
LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
SLAS139C – DECEMBER 1996 – REVISED JANUARY 1999
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 20
TA – Free-Air Temperature – °C
0
–0.2
–0.4
–75
25
125
INTEGRAL NONLINEARITY ERROR
vs
FREE-AIR TEMPERATURE
0.1
–0.1
0.2
0.4
0.3
–0.3
–25
75
Maximum
Minimum
VCC = 2.7 V
Figure 21
TA – Free-Air Temperature – °C
0.4
0.3
0.2
0.1
–0.1
–0.3
–0.4
–0.5
–75
25
125
0.5
INTEGRAL NONLINEARITY ERROR
vs
FREE-AIR TEMPERATURE
–0.2
75
–25
VCC = 5.5 V
Maximum
Minimum
0
Figure 22
DIFFERENTIAL NONLINEARITY ERROR
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
0
–0.2
–0.5
–75
25
125
0.1
–0.1
0.2
0.4
0.3
–0.3
–25
75
VCC = 2.7 V
Maximum
Minimum
–0.4
Figure 23
DIFFERENTIAL NONLINEARITY ERROR
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
0
–0.6
–75
25
0.2
0.6
0.4
–0.2
–25
75
VCC = 5.5 V
Maximum
Minimum
–0.4
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com