Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1548MFKB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1548MFKB
Description  LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1548MFKB Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV1548MFKB Datasheet HTML 12Page - Texas Instruments TLV1548MFKB Datasheet HTML 13Page - Texas Instruments TLV1548MFKB Datasheet HTML 14Page - Texas Instruments TLV1548MFKB Datasheet HTML 15Page - Texas Instruments TLV1548MFKB Datasheet HTML 16Page - Texas Instruments TLV1548MFKB Datasheet HTML 17Page - Texas Instruments TLV1548MFKB Datasheet HTML 18Page - Texas Instruments TLV1548MFKB Datasheet HTML 19Page - Texas Instruments TLV1548MFKB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
TLV1544C, TLV1544I, TLV1548C, TLV1548I, TLV1548M
LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
SLAS139C – DECEMBER 1996 – REVISED JANUARY 1999
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics over recommended operating free-air temperature range,
VCC = Vref+ = 2.7 V to 5.5 V, I/O CLK frequency = 2.2 MHz (unless otherwise noted)
PARAMETER
TEST
CONDITIONS
MIN
TYP†
MAX
UNIT
EL
Linearity error (see Note 6)
±0.5
±1
LSB
ED
Differential linearity error
See Note 2
±0.5
±1
LSB
EO
Offset error (see Note 7)
See Note 2
±1.5
LSB
EG
Gain error (see Note 7)
See Note 2
±1
LSB
ET
Total unadjusted error (see Note 8)
±1.75
LSB
DATA IN = 1011
512
Self-test output code (see Table 3 and Note 9)
DATA IN - 1100
0
DATA IN = 1101
1023
t
Conversion time
Fast conversion speed
See Figures 15
7
10
µs
tconv
Conversion time
Slow conversion speed
g
through 17
15
25
µs
t
Total cycle time (access,
sample conversion and EOC
↑
Fast conversion speed
See Figures 15
through 18 and
Notes 10, 11, 12
10.1 +
10 I/O CLK
µs
tc
sample, conversion and EOC
↑
to CS
↓ delay)
Slow conversion speed
See Figures 15
through 18 and
Notes 10 and 12
40.1 +
10 I/O CLK
µs
tacq
Channel acquisition time (sample)
See Figures 15
through 18 and
Note 10
6
I/O CLK
periods
tv
Valid time, DATA OUT remains valid after I/O CLK
↓
See Figure 11
50
ns
td1(FS)
Delay time, I/O CLK high to FS high
See Figure 13
5
30
50
ns
td2(FS)
Delay time, I/O CLK high to FS low
See Figure 13
10
30
60
ns
td(EOC
↑ – CS↓) Delay time, EOC↑ to CS low
See Figure 14
and Note 5
100
ns
td(CS
↓ – FS↑)
Delay time, CS
↓ to FS↑
See Figures 17
and 18
1
7
I/O CLK
periods
td(I/O -CS)
Delay time, 10th I/O CLK low to CS low to abort
conversion (see Note 13)
See Figure 10
1.1
µs
† All typical values are at TA = 25°C.
NOTES:
2. Analog input voltages greater than that applied to REF + convert as all ones (111111111111), while input voltages less than that
applied to REF – convert as all zeros (000000000000). The device is functional with reference down to 1 V (Vref+ – Vref – 1); however,
the electrical specifications are no longer applicable.
5. For all operating modes.
6. Linearity error is the maximum deviation from the best straight line through the A/D transfer characteristics.
7. Zero error is the difference between 0000000000 and the converted output for zero input voltage. Full-scale error is the difference
between 1111111111 and the converted output for full-scale input voltage.
8. Total unadjusted error comprises linearity, zero-scale, and full-scale errors.
9. Both the input data and the output codes are expressed in positive logic.
10. I/O CLK period = 1 /(I/O CLK frequency) (see Figure 8).
11. For 3.3 V to 5.5 V only
12. For microprocessor mode
13. Any transitions of CS are recognized as valid only when the level is maintained for a setup time after the transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com