Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/13 Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 153Page - Renesas Technology Corp R8C/13 Datasheet HTML 154Page - Renesas Technology Corp R8C/13 Datasheet HTML 155Page - Renesas Technology Corp R8C/13 Datasheet HTML 156Page - Renesas Technology Corp R8C/13 Datasheet HTML 157Page - Renesas Technology Corp R8C/13 Datasheet HTML 158Page - Renesas Technology Corp R8C/13 Datasheet HTML 159Page - Renesas Technology Corp R8C/13 Datasheet HTML 160Page - Renesas Technology Corp R8C/13 Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 146 of 205
REJ09B0111-0120
R8C/13 Group
15. Programmable I/O Ports
15. Programmable I/O Ports
PD0
PD0_4
0
0
0
1
PUR0
PU01
0
1
0
X
ADCON0
CH2, CH1, CH0, ADGSEL0
XXXX
XXXX
01102
XXXX
Table 15.5 Port P04/AN3 Setting
Register
Bit
Setting value
Function
Input port (not pulled up)
Input port (pulled up)
A/D input (AN3)
Output port
PD0
PD0_5
0
0
0
1
PUR0
PU01
0
1
0
X
ADCON0
CH2, CH1, CH0, ADGSEL0
XXXX
XXXX
01002
XXXX
Table 15.6 Port P05/AN2 setting
Register
Bit
Setting value
Function
Input port (not pulled up)
Input port (pulled up)
A/D input (AN2)
Output port
PD0
PD0_6
0
0
0
1
PUR0
PU01
0
1
0
X
ADCON0
CH2, CH1, CH0, ADGSEL0
XXXX
XXXX
00102
XXXX
Table 15.7 Port P06/AN1 Setting
Register
Bit
Setting value
Function
Input port (not pulled up)
Input port (pulled up)
A/D input (AN1)
Output port
PD0
PD0_7
0
0
0
1
PUR0
PU01
0
1
0
X
ADCON0
CH2, CH1, CH0, ADGSEL0
XXXX
XXXX
00002
XXXX
Table 15.8 Port P07/AN0 Setting
Register
Bit
Setting value
Function
Input port (not pulled up)
Input port (pulled up)
A/D input (AN0)
Output port
_____
Table 15.9 Port P10/KI0/AN8/CMP00 Setting
Register
Bit
Setting value
PD1
PD1_0
0
0
0
0
1
1
X
X
PUR0
PU02
0
1
0
0
X
X
X
X
ADCON0
CH2, CH1, CH0,
ADGSEL0
XXXX
XXXX
XXXX
10012
XXXX
XXXX
XXXX
XXXX
TCOUT
TCOUT0
0
0
0
0
0
0
1
1
Function
Input port (not pulled up)
Input port (pulled up)
_____
KI0 input
A/D input (AN8)
Output port
Output port (High drive)
CMP00 output
CMP00 output (High drive)
DRR
DRR0
X
X
X
X
0
1
0
1
KIEN
KI0EN
X
X
1
X
X
X
X
X
X: “0” or “1”
X: “0” or “1”
X: “0” or “1”
X: “0” or “1”
X: “0” or “1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com