Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/13 Datasheet(PDF) 160 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 160 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 156Page - Renesas Technology Corp R8C/13 Datasheet HTML 157Page - Renesas Technology Corp R8C/13 Datasheet HTML 158Page - Renesas Technology Corp R8C/13 Datasheet HTML 159Page - Renesas Technology Corp R8C/13 Datasheet HTML 160Page - Renesas Technology Corp R8C/13 Datasheet HTML 161Page - Renesas Technology Corp R8C/13 Datasheet HTML 162Page - Renesas Technology Corp R8C/13 Datasheet HTML 163Page - Renesas Technology Corp R8C/13 Datasheet HTML 164Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 149 of 205
REJ09B0111-0120
R8C/13 Group
15. Programmable I/O Ports
_______
Table 15.16 Port P17/INT1/CNTR0 Setting
Register
Bit
Setting value
PD1
PD1_7
0
0
0
1
1
X
X
PUR0
PU03
0
1
0
X
X
X
X
TXMR
TXMOD1, TXMOD0
Other than 012
Other than 012
Other than 012
Other than 012
Other than 012
012
012
Function
Input port (not pulled up)
Input port (pulled up)
_______
CNTR0/INT1 input
Output port
Output port (High drive)
CNTR0 output
CNTR0 (High drive)
DRR
DRR5
X
X
X
0
1
0
1
___________
Table 15.17 Port P30/CNTR0/CMP10 Setting
Register
Bit
Setting value
PD3
PD3_0
0
0
1
X
X
PUR0
PU06
0
1
X
X
X
TCOUT
TCOUT3
0
0
0
0
1
Function
Input port (not pulled up)
Input port (pulled up)
Output port
____________
CNTR0 output
CMP10 output
TXMR
TXOCNT
0
0
0
1
X
Table 15.18 Port P31/TZOUT/CMP11 Setting
Register
Bit
Setting value
PD3
PD3_1
0
0
1
X
X
PUR0
PU06
0
1
X
X
X
TCOUT
TCOUT4
0
0
0
0
1
Function
Input port (not pulled up)
Input port (pulled up)
Output port
TZOUT output
CMP11 output
TYZMR
TZMOD1, TZMOD0
002
012
002
012
002
012
1X
012
XX
TYZOC
TZOCNT
X
1
X
1
X
1
X
0
X
_______
Table 15.19 Port P32/INT2/CNTR1/CMP12 Setting
Register
Bit
Setting value
PD3
PD3_2
0
0
0
1
X
X
PUR0
PU06
0
1
0
X
X
X
TCOUT
TCOUT5
0
0
0
0
0
1
Function
Input port (not pulled up)
Input port (pulled up)
_______
CNTR1/INT2 input
Output port
CNTR1 output
CMP12 output
TYZMR
TYMOD1
0
0
0
0
1
X
TYZOC
TZOCNT
1
1
1
1
0
X
X: “0” or “1”
X: “0” or “1”
X: “0” or “1”
X: “0” or “1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com