Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/13 Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 124Page - Renesas Technology Corp R8C/13 Datasheet HTML 125Page - Renesas Technology Corp R8C/13 Datasheet HTML 126Page - Renesas Technology Corp R8C/13 Datasheet HTML 127Page - Renesas Technology Corp R8C/13 Datasheet HTML 128Page - Renesas Technology Corp R8C/13 Datasheet HTML 129Page - Renesas Technology Corp R8C/13 Datasheet HTML 130Page - Renesas Technology Corp R8C/13 Datasheet HTML 131Page - Renesas Technology Corp R8C/13 Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 117 of 205
REJ09B0111-0120
R8C/13 Group
13.1 Clock Synchronous Serial I/O Mode
13.1.1 Polarity Select Function
Figure 13.7 shows the polarity of the transfer clock. Use the CKPOL bit in the U0C0 register to select
the transfer clock polarity.
(2) When the U0C0 register CKPOL bit = 1 (transmit data output at the
edge and the receive data taken in at the falling edge of the transfe
D1
D2
D3
D4
D5
D6
D7
D1
D2
D3
D4
D5
D6
D7
D0
D0
TXD0
RXD0
CLK0
(1) When the U0C0 register CKPOL bit = 0 (transmit data output at the
edge and the receive data taken in at the rising edge of the transfer
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
D0
TXD0
RXD0
CLK0
NOTES:
1. When not transferring, the CLK0 pin outputs a high signal.
2. When not transferring, the CLK0 pin outputs a low signal.
(1)
(2)
Figure 13.7 Transfer Clock Polarity
13.1.2 LSB First/MSB First Select Function
Figure 13.8 shows the transfer format. Use the UFORM bit in the U0C0 register to select the transfer
format.
Figure 13.8 Transfer Format
(1) When U0C0 register UFORM bit = 0 (LSB first)
D0
D0
D1
D2
D3
D4
D5
D6
D7
D1
D2
D3
D4
D5
D6
D7
TXD0
RXD0
CLK0
(2) When U0C0 register UFORM bit = 1 (MSB first)
D6
D5
D4
D3
D2
D1
D0
D7
D7
D6
D5
D4
D3
D2
D1
D0
TXD0
RXD0
CLK0
NOTES:
1.This applies to the case where the CKPOL bit in the U0C0 register
is set to “0” (transmit data output at the falling edge and the receive
data taken in at the rising edge of the transfer clock).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com