Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 253 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 253 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 249Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 250Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 251Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 252Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 253Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 254Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 255Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 256Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 257Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 221 of 1468
REJ09B0412-0200
9.4
Multi-Clock Function and Number of Access Cycles
The internal functions of this LSI operate synchronously with the system clock (I
φ), the peripheral
module clock (P
φ), or the external bus clock (Bφ). Table 9.1 shows the synchronization clock and
their corresponding functions.
Table 9.1
Synchronization Clocks and Their Corresponding Functions
Synchronization Clock
Function Name
I
φ
MCU operating mode
Interrupt controller
Bus controller
CPU
DTC
DMAC
EXDMAC
Internal memory
Clock pulse generator
Power down control
P
φ
I/O ports
TPU
PPG
TMR
WDT
SCI
A/D
D/A
IIC2
USB
B
φ
External bus interface
The frequency of each synchronization clock (I
φ, Pφ, and Bφ) is specified by the system clock
control register (SCKCR) independently. For further details, see section 27, Clock Pulse
Generator.
There will be cases when P
φ and Bφ are equal to Iφ and when Pφ and Bφ are different from Iφ
according to the SCKCR specifications. In any case, access cycles for internal peripheral functions
and external space is performed synchronously with P
φ and Bφ, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com