Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 252 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 252 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 248Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 249Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 250Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 251Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 252Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 253Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 254Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 255Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 256Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 220 of 1468
REJ09B0412-0200
9.3
Bus Configuration
Figure 9.5 shows the internal bus configuration of this LSI. The internal bus of this LSI consists of
the following three types.
• Internal system bus 1
A bus that connects the CPU, DTC, DMAC, on-chip RAM, on-chip ROM, internal peripheral
bus, and external access bus.
• Internal system bus 2
A bus that connects the EXDMAC and external access bus
• Internal peripheral bus
A bus that accesses registers in the bus controller, interrupt controller, DMAC, and EXDMAC,
and registers of peripheral modules such as SCI and timer.
• External access bus
A bus that accesses external devices via the external bus interface.
CPU
DTC
DMAC
B
φ
synchronization
P
φ
synchronization
I
φ
synchronization
Bus controller,
interrupt controller,
power-down controller
External bus
interface
Peripheral
functions
On-chip
RAM
On-chip
ROM
Internal system bus
1
Internal peripheral bus
Write data
buffer
Write data
buffer
External access bus
Internal system bus
2
EXDMAC
Figure 9.5 Internal Bus Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com