Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 257 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 257 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 253Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 254Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 255Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 256Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 257Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 258Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 259Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 260Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 261Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 225 of 1468
REJ09B0412-0200
9.5
External Bus
9.5.1
Input/Output Pins
Table 9.2 shows the pin configuration of the bus controller and table 9.3 shows the pin functions
on each interface.
Table 9.2
Pin Configuration
Name
Symbol
I/O
Function
Bus cycle start
BS
Output
Signal indicating that the bus cycle has started
Address strobe/
address hold
AS/AH
Output
•
Strobe signal indicating that the basic bus, byte control
SRAM, or burst ROM space is accessed and address
output on address bus is enabled
•
Signal to hold the address during access to the
address/data multiplexed I/O interface
Read strobe
RD
Output
Strobe signal indicating that the basic bus, byte control
SRAM, burst ROM, or address/data multiplexed I/O space
is being read
Read/write
RD/
WR
Output
•
Signal indicating the input or output direction
•
Write enable signal of the SRAM during access to the
byte control SRAM space
Low-high write/
lower-upper byte
select
LHWR/LUB
Output
•
Strobe signal indicating that the basic bus, burst ROM,
or address/data multiplexed I/O space is written to,
and the upper byte (D15 to D8) of data bus is enabled
•
Strobe signal indicating that the byte control SRAM
space is accessed, and the upper byte (D15 to D8) of
data bus is enabled
Low-low write/
lower-lower byte
select
LLWR/LLB
Output
•
Strobe signal indicating that the basic bus, burst ROM,
or address/data multiplexed I/O space is written to,
and the lower byte (D7 to D0) of data bus is enabled
•
Strobe signal indicating that the byte control SRAM
space is accessed, and the lower byte (D7 to D0) of
data bus is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com