| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 216 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 216 Page - Renesas Technology Corp |
|
216 / 1504 page ![]() Section 9 Bus Controller (BSC) Rev. 2.00 Sep. 24, 2008 Page 184 of 1468 REJ09B0412-0200 • DRAM interface DRAM interface is available as area 2 Row/column address-multiplexed output (8, 9, 10, or 11 bits) Two CAS signals control byte accesses for 16-bit data bus device CAS assertion period can be extended by a program wait and a pin wait Burst access can be performed in fast page mode Tp cycle for ensuring a RAS precharge time can be inserted CAS-before-RAS refresh (CBR refresh) and self refresh are selectable • Synchronous DRAM interface Synchronous DRAM interface is available as area 2 Row/column address-multiplexed output (8, 9, 10, or 11 bits) DQM signals control byte access for 16-bit data bus device Auto refresh and self refresh are selectable CAS latency can be selected from 2 to 4 High-speed data transfer is available using EXDMAC cluster transfer • Idle cycle insertion Idle cycles can be inserted between external read accesses to different areas Idle cycles can be inserted before the external write access after an external read access Idle cycles can be inserted before the external read access after an external write access Idle cycles can be inserted before the external access after a DMAC/EXDMAC single address transfer (write access) • Write buffer function External write cycles and internal accesses can be executed in parallel Write accesses to the on-chip peripheral module and on-chip memory accesses can be executed in parallel DMAC single address transfers and internal accesses can be executed in parallel • External bus release function • Bus arbitration function Includes a bus arbiter that arbitrates bus mastership among the CPU, DMAC, EXDMAC, DTC, and external bus master • EXDMAC external bus transfers and internal accesses can be executed in parallel. • Multi-clock function The internal peripheral functions can be operated in synchronization with the peripheral module clock (P φ). Accesses to the external address space can be operated in synchronization with the external bus clock (B φ). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |