Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 215 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 215 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 211Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 212Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 213Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 214Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 215Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 216Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 217Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 218Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 219Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 183 of 1468
REJ09B0412-0200
Section 9 Bus Controller (BSC)
This LSI has an on-chip bus controller (BSC) that manages the external address space divided into
eight areas.
The bus controller also has a bus arbitration function, and controls the operation of the internal bus
masters; CPU, DMAC, EXDMAC, and DTC.
9.1
Features
• Manages external address space in area units
Manages the external address space divided into eight areas
Chip select signals (
CS0 to CS7) can be output for each area
Bus specifications can be set independently for each area
8-bit access or 16-bit access can be selected for each area
DRAM, synchronous DRAM, burst ROM, byte control SRAM, or address/data multiplexed
I/O interface can be set
An endian conversion function is provided to connect a device of little endian
• Basic bus interface
This interface can be connected to the SRAM and ROM
2-state access or 3-state access can be selected for each area
Program wait cycles can be inserted for each area
Wait cycles can be inserted by the
WAIT pin.
Extension cycles can be inserted while
CSn is asserted for each area (n = 0 to 7)
The negation timing of the read strobe signal (
RD) can be modified
• Byte control SRAM interface
Byte control SRAM interface can be set for areas 0 to 7
The SRAM that has a byte control pin can be directly connected
• Burst ROM interface
Burst ROM interface can be set for areas 0 and 1
Burst ROM interface parameters can be set independently for areas 0 and 1
• Address/data multiplexed I/O interface
Address/data multiplexed I/O interface can be set for areas 3 to 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com