Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 212 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 212 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 208Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 209Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 210Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 211Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 212Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 213Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 214Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 215Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 216Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 1504 page
background image
Section 8 User Break Controller (UBC)
Rev. 2.00 Sep. 24, 2008 Page 180 of 1468
REJ09B0412-0200
8.5
Usage Notes
1. PC break usage note
 Contention between a SLEEP instruction (to place the chip in the sleep state or on software
standby) and PC break
If a break before a PC break instruction is set for the instruction after a SLEEP instruction
and the SLEEP instruction is executed with the SSBY bit cleared to 0, break interrupt
exception handling is executed without sleep mode being entered. In this case, the
instruction after the SLEEP instruction is executed after the RTE instruction.
When the SSBY bit is set to 1, break interrupt exception handling is executed after the
oscillation settling time has elapsed subsequent to the transition to software standby mode.
When an interrupt is the canceling source, interrupt exception handling is executed after the
RTE instruction, and the instruction following the SLEEP instruction is then executed.
SLEEP
Break interrupt
exception handling
Interrupt
exception handling
Software standby
(PC break source)
(Cancelling source)
Cancelling source
CLK
Figure 8.2 Contention between SLEEP Instruction (Software Standby) and PC Break
2. Prohibition on Setting of PC Break
 Setting of a UBC break interrupt for program within the UBC break interrupt handling
routine is prohibited.
3. The procedure for clearing a UBC flag bit (condition match flag) is shown below. A flag bit is
cleared by writing 0 to it after reading it as 1. As the register that contains the flag bits is
accessible in byte units, bit manipulation instructions can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com