| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 170 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 170 Page - Renesas Technology Corp |
|
170 / 1504 page ![]() Section 7 Interrupt Controller Rev. 2.00 Sep. 24, 2008 Page 138 of 1468 REJ09B0412-0200 Bit Bit Name Initial Value R/W Description 7 IRQ7E 0 R/W IRQ7 Enable The IRQ7 interrupt request is enabled when this bit is 1. 6 IRQ6E 0 R/W IRQ6 Enable The IRQ6 interrupt request is enabled when this bit is 1. 5 IRQ5E 0 R/W IRQ5 Enable The IRQ5 interrupt request is enabled when this bit is 1. 4 IRQ4E 0 R/W IRQ4 Enable The IRQ4 interrupt request is enabled when this bit is 1. 3 IRQ3E 0 R/W IRQ3 Enable The IRQ3 interrupt request is enabled when this bit is 1. 2 IRQ2E 0 R/W IRQ2 Enable The IRQ2 interrupt request is enabled when this bit is 1. 1 IRQ1E 0 R/W IRQ1 Enable The IRQ1 interrupt request is enabled when this bit is 1. 0 IRQ0E 0 R/W IRQ0 Enable The IRQ0 interrupt request is enabled when this bit is 1. Note: * Supported only by the H8SX/1668M Group. 7.3.5 IRQ Sense Control Registers H and L (ISCRH, ISCRL) ISCRH and ISCRL select the source that generates an interrupt request from IRQ15, IRQ14, and IRQ11 to IRQ0 input. Upon changing the setting of ISCR, IRQnF (n = 0 to 11, 14, 15) in ISR is often set to 1 accidentally through an internal operation. In this case, an interrupt exception handling is executed if an IRQn interrupt request is enabled. In order to prevent such an accidental interrupt from occurring, the setting of ISCR should be changed while the IRQn interrupt is disabled, and then the IRQnF in ISR should be cleared to 0. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |