| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 169 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 169 Page - Renesas Technology Corp |
|
169 / 1504 page ![]() Section 7 Interrupt Controller Rev. 2.00 Sep. 24, 2008 Page 137 of 1468 REJ09B0412-0200 7.3.4 IRQ Enable Register (IER) IER enables interrupt requests IRQ15, IRQ14, and IRQ11 to IRQ0. Bit Bit Name Initial Value R/W 15 IRQ15E 0 R/W 14 IRQ14E* 0 R/W 13 0 R/W 12 0 R/W 11 IRQ11E 0 R/W 10 IRQ10E 0 R/W 9 IRQ9E 0 R/W 8 IRQ8E 0 R/W Bit Bit Name Initial Value R/W 7 IRQ7E 0 R/W 6 IRQ6E 0 R/W 5 IRQ5E 0 R/W 4 IRQ4E 0 R/W 3 IRQ3E 0 R/W 2 IRQ2E 0 R/W 1 IRQ1E 0 R/W 0 IRQ0E 0 R/W Note: * Supported only by the H8SX/1668M Group. Bit Bit Name Initial Value R/W Description 15 IRQ15E 0 R/W IRQ15 Enable The IRQ15 interrupt request is enabled when this bit is 1. IRQ15 is internally connected to the 32KOVI interrupt in the TM32K. 14 IRQ14E* 0 R/W IRQ14 Enable The IRQ14 interrupt request is enabled when this bit is 1. IRQ14 is internally connected to the voltage-monitoring interrupt in the LVD 13 to 12 All 0 R/W Reserved These bits are always read as 0. The write value should always be 0. 11 IRQ11E 0 R/W IRQ11 Enable The IRQ11 interrupt request is enabled when this bit is 1. 10 IRQ10E 0 R/W IRQ10 Enable The IRQ10 interrupt request is enabled when this bit is 1. 9 IRQ9E 0 R/W IRQ9 Enable The IRQ9 interrupt request is enabled when this bit is 1. 8 IRQ8E 0 R/W IRQ8 Enable The IRQ8 interrupt request is enabled when this bit is 1. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |