Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 166 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 166 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 162Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 163Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 164Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 165Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 166Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 167Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 168Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 169Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 1504 page
background image
Section 7 Interrupt Controller
Rev. 2.00 Sep. 24, 2008 Page 134 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Description
3
IPSETE
0
R/W
Interrupt Priority Set Enable
Controls the function which automatically assigns the
interrupt priority level of the CPU. Setting this bit to 1
automatically sets bits CPUP2 to CPUP0 by the CPU
interrupt mask bit (I bit in CCR or bits I2 to I0 in EXR).
0: Bits CPUP2 to CPUP0 are not updated automatically
1: The interrupt mask bit value is reflected in bits
CPUP2 to CPUP0
2
1
0
CPUP2
CPUP1
CPUP0
0
0
0
R/(W)*
R/(W)*
R/(W)*
CPU Priority Level 2 to 0
These bits set the CPU priority level. When the
CPUPCE is set to 1, the CPU priority control function
over the DTC, DMAC and EXDMAC becomes valid and
the priority of CPU processing is assigned in
accordance with the settings of bits CPUP2 to CPUP0.
000: Priority level 0 (lowest)
001: Priority level 1
010: Priority level 2
011: Priority level 3
100: Priority level 4
101: Priority level 5
110: Priority level 6
111: Priority level 7 (highest)
Note:
*
When the IPSETE bit is set to 1, the CPU priority is automatically updated, so these bits
cannot be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com