Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 986 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 986 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 982Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 983Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 984Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 985Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 986Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 987Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 988Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 989Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 990Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 986 / 1504 page
background image
Section 19 Serial Communication Interface (SCI, IrDA, CRC)
Rev. 2.00 Sep. 24, 2008 Page 954 of 1468
REJ09B0412-0200
19.10.5
Relation between Writing to TDR and TDRE Flag
The TDRE flag in SSR is a status flag which indicates that transmit data has been transferred from
TDR to TSR. When the SCI transfers data from TDR to TSR, the TDRE flag is set to 1.
Data can be written to TDR irrespective of the TDRE flag status. However, if new data is written
to TDR when the TDRE flag is 0, that is, when the previous data has not been transferred to TSR
yet, the previous data in TDR is lost. Be sure to write transmit data to TDR after verifying that the
TDRE flag is set to 1.
19.10.6
Restrictions on Using DTC or DMAC
• When the external clock source is used as a synchronization clock, update TDR by the DMAC
or DTC and wait for at least five P
φ clock cycles before allowing the transmit clock to be
input. If the transmit clock is input within four clock cycles after TDR modification, the SCI
may malfunction (see figure 19.38).
• When using the DMAC or DTC to read RDR, be sure to set the receive end interrupt (RXI) as
the DTC or DMAC activation source.
t
D0
LSB
Serial data
SCK
D1
D3
D4
D5
D2
D6
D7
Note: When external clock is supplied, t must be more than four clock cycles.
TDRE
Figure 19.38 Sample Transmission using DTC in Clocked Synchronous Mode
• The DTC is not activated by the RXI or TXI request by SCI_5 or SCI6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com