Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 988 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 988 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 984Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 985Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 986Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 987Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 988Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 989Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 990Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 991Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 992Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 988 / 1504 page
background image
Section 19 Serial Communication Interface (SCI, IrDA, CRC)
Rev. 2.00 Sep. 24, 2008 Page 956 of 1468
REJ09B0412-0200
Start transmission
Transmission
[1]
No
No
No
Yes
Yes
Yes
Read TEND flag in SSR
Make transition to
software standby mode
Cancel software standby mode
TE = 0
Initialization
TE = 1
[2]
[3]
All data transmitted?
Change operating mode?
TEND = 1
[1] Data being transmitted is lost
halfway. Data can be normally
transmitted from the CPU by
setting the TE bit to 1, reading
SSR, writing to TDR, and
clearing the TDRE bit to 0 after
clearing software standby mode;
however, if the DTC has been
activated, the data remaining in
the DTC will be transmitted when
both the TE and TIE bits are set
to 1.
[2] Clear the TIE and TEIE bits to 0
when they are 1.
[3] Setting of the module stop state
is included.
Figure 19.39 Sample Flowchart for Software Standby Mode Transition during
Transmission
TE bit
SCK*
output pin
TxD
output pin
Note: * Not output in SCI_5, 6.
Port
input/output
Port input/output
Port
input/output
Start
Stop
High output
High output
Transmission start
Transmission end
Transition to
software standby
mode
Software standby
mode canceled
SCI TxD output
Port
Port
SCI
TxD output
Figure 19.40 Port Pin States during Software Standby Mode Transition
(Internal Clock, Asynchronous Transmission)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com