Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 982 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 982 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 978Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 979Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 980Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 981Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 982Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 983Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 984Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 985Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 986Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 982 / 1504 page
background image
Section 19 Serial Communication Interface (SCI, IrDA, CRC)
Rev. 2.00 Sep. 24, 2008 Page 950 of 1468
REJ09B0412-0200
19.9
Interrupt Sources
19.9.1
Interrupts in Normal Serial Communication Interface Mode
Table 19.14 shows the interrupt sources in normal serial communication interface mode. A
different interrupt vector is assigned to each interrupt source, and individual interrupt sources can
be enabled or disabled using the enable bits in SCR.
When the TDRE flag in SSR is set to 1, a TXI interrupt request is generated. When the TEND flag
in SSR is set to 1, a TEI interrupt request is generated. A TXI interrupt request can activate the
DTC or DMAC to allow data transfer. The TDRE flag is automatically cleared to 0 at data transfer
by the DTC or DMAC.
When the RDRF flag in SSR is set to 1, an RXI interrupt request is generated. When the ORER,
PER, or FER flag in SSR is set to 1, an ERI interrupt request is generated. An RXI interrupt can
activate the DTC or DMAC to allow data transfer. The RDRF flag is automatically cleared to 0 at
data transfer by the DTC or DMAC.
A TEI interrupt is requested when the TEND flag is set to 1 while the TEIE bit is set to 1. If a TEI
interrupt and a TXI interrupt are requested simultaneously, the TXI interrupt has priority for
acceptance. However, note that if the TDRE and TEND flags are cleared to 0 simultaneously by
the TXI interrupt processing routine, the SCI cannot branch to the TEI interrupt processing routine
later.
Note that the priority order for interrupts is different between the group of SCI_0, 1, 2, and 4 and
the group of SCI_5 and SCI_6.
Table 19.14 SCI Interrupt Sources (SCI_0, 1, 2, and 4)
Name
Interrupt Source
Interrupt Flag
DTC Activation
DMAC Activation
Priority
ERI
Receive error
ORER, FER, or PER
Not possible
Not possible
RXI
Receive data full
RDRF
Possible
Possible
TXI
Transmit data empty TDRE
Possible
Possible
High
TEI
Transmit end
TEND
Not possible
Not possible
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com