Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 873 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 873 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 869Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 870Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 871Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 872Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 873Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 874Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 875Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 876Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 877Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 873 / 1504 page
background image
Section 16 8-Bit Timers (TMR)
Rev. 2.00 Sep. 24, 2008 Page 841 of 1468
REJ09B0412-0200
16.8.5
Conflict between Compare Matches A and B
If compare match events A and B occur at the same time, the 8-bit timer operates in accordance
with the priorities for the output statuses set for compare match A and compare match B, as shown
in table 16.8.
Table 16.8
Timer Output Priorities
Output Setting
Priority
Toggle output
1-output
0-output
High
No change
Low
16.8.6
Switching of Internal Clocks and TCNT Operation
TCNT may be incremented erroneously depending on when the internal clock is switched. Table
16.9 shows the relationship between the timing at which the internal clock is switched (by writing
to the bits CKS1 and CKS0) and the TCNT operation.
When the TCNT clock is generated from an internal clock, the rising or falling edge of the internal
clock pulse are always monitored. Table 16.9 assumes that the falling edge is selected. If the
signal levels of the clocks before and after switching change from high to low as shown in item 3,
the change is considered as the falling edge. Therefore, a TCNT clock pulse is generated and
TCNT is incremented. This is similar to when the rising edge is selected.
The erroneous increment of TCNT can also happen when switching between rising and falling
edges of the internal clock, and when switching between internal and external clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com