| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 869 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 869 Page - Renesas Technology Corp |
|
869 / 1504 page ![]() Section 16 8-Bit Timers (TMR) Rev. 2.00 Sep. 24, 2008 Page 837 of 1468 REJ09B0412-0200 (3) Pin Output • Control of output from the TMO0 pin by the bits OS3 to OS0 in TCSR_0 is in accordance with the 16-bit compare match conditions. • Control of output from the TMO1 pin by the bits OS3 to OS0 in TCSR_1 is in accordance with the lower 8-bit compare match conditions. 16.6.2 Compare Match Count Mode When the bits CKS2 to CKS0 in TCR_1 are set to B'100, TCNT_1 counts compare match A for channel 0. Channels 0 and 1 are controlled independently. Conditions such as setting of the CMF flag, generation of interrupts, output from the TMO pin, and counter clear are in accordance with the settings for each channel. 16.7 Interrupt Sources 16.7.1 Interrupt Sources and DTC Activation • Interrupt in unit 0 and unit 1 There are three interrupt sources for the 8-bit timer (TMR_0 or TMR_1): CMIA, CMIB, and OVI. Their interrupt sources and priorities are shown in table 16.6. Each interrupt source is enabled or disabled by the corresponding interrupt enable bit in TCR or TCSR, and independent interrupt requests are sent for each to the interrupt controller. It is also possible to activate the DTC by means of CMIA and CMIB interrupts (This is available in unit 0 and unit 1 only). Table 16.6 8-Bit Timer (TMR_0 or TMR_1) Interrupt Sources (in Unit 0 and Unit 1) Signal Name Name Interrupt Source Interrupt Flag DTC Activation Priority CMIA0 CMIA0 TCORA_0 compare match CMFA Possible CMIB0 CMIB0 TCORB_0 compare match CMFB Possible High OVI0 OVI0 TCNT_0 overflow OVF Not possible Low CMIA1 CMIA1 TCORA_1 compare match CMFA Possible CMIB1 CMIB1 TCORB_1 compare match CMFB Possible High OVI1 OVI1 TCNT_1 overflow OVF Not possible Low |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |