Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 871 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 871 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 867Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 868Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 869Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 870Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 871Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 872Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 873Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 874Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 875Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 871 / 1504 page
background image
Section 16 8-Bit Timers (TMR)
Rev. 2.00 Sep. 24, 2008 Page 839 of 1468
REJ09B0412-0200
16.8
Usage Notes
16.8.1
Notes on Setting Cycle
If the compare match is selected for counter clear, TCNT is cleared at the last state in the cycle in
which the values of TCNT and TCOR match. TCNT updates the counter value at this last state.
Therefore, the counter frequency is obtained by the following formula.
f =
φ / (N + 1 )
f:
Counter frequency
φ: Operating frequency
N: TCOR value
16.8.2
Conflict between TCNT Write and Counter Clear
If a counter clear signal is generated during the T
2 state of a TCNT write cycle, the clear takes
priority and the write is not performed as shown in figure 16.15.
P
φ
Address
TCNT address
Internal write signal
Counter clear signal
TCNT
N
H'00
T
1
T
2
TCNT write cycle by CPU
Figure 16.15 Conflict between TCNT Write and Clear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com