Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 568 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 568 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 564Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 565Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 566Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 567Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 568Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 569Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 570Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 571Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 572Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 568 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 536 of 1468
REJ09B0412-0200
Address bus
B
φ
EXDMA write cycle
RD
WR
ETEND
EDDAR
EDDAR
EDDAR
High
Figure 11.60 Timing in Cluster Transfer Write Address Mode
(from Cluster Buffer to External Memory)
11.6.2
Setting of Address Update Mode
The cluster transfer mode transfer is restricted by the address update mode function. There are the
following four address update methods: increment, decrement, fixed, and offset addition.
When the address increment method is specified and if the specified address is not at the address
boundary for the data access size (odd address for a word-size transfer, address beyond the 4n
boundary for a longword-size transfer), the bus cycle is divided for transfer until the address
becomes at the address boundary. When the address matches the boundary, transfer is processed in
units of data access sizes. At the end of transfer, the bus cycle is divided again to transfer the
remaining data in cluster transfer mode.
With address decrement, fixed, or offset addition method, specify the address, that matches the
address boundary for the data access size, in EDSAR and EDDAR. When specifying the address,
that is not at the address boundary for the data access size, in EDSAR and EDDAR, fix the lower
bit to 0 (lower one bit for a word-size transfer, and lower two bits for a longword-size transfer) in
the address register so that the transfer is processed in units of data access sizes. The block transfer
mode must be used for transfer of data by dividing the bus cycle according to the address
boundary.
When the EDTCR value is smaller than the cluster size, a transfer size error occurs. In this case,
when the TSEIE bit in EDMDR is cleared to 0, the cluster transfer mode is switched to the block
transfer mode to process the remaining data. With the decrement, fixed, or offset addition method,
transfer is performed without fixing the lower bit to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com