Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 564 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 564 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 560Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 561Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 562Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 563Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 564Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 565Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 566Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 567Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 568Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 564 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 532 of 1468
REJ09B0412-0200
EXDMA write cycle
EXDMA read cycle
B
φ
EDDAR
EDDAR
EDDAR
EDSAR
EDSAR
EDSAR
Address bus
RD
WR
ETEND
Figure 11.54 Timing in Cluster Transfer Dual Address Mode
First cluster
Cluster size:
BKSZH
×
Data accsess size
First cluster
Second cluster
Second cluster
Nth cluster
Nth cluster
Transfer
Address B
A
Address T
A
Address T
B
Address B
B
Figure 11.55 Cluster Transfer Dual Address Mode Operation
When a word or longword is specified as a data access size but the source or destination address is
not at the word or longword boundary, use the appropriate data access size for efficient data
transfer.
In an example shown in figure 11.56, a longword-size transfer is performed with 4-longword
specified as a cluster size in the cluster transfer dual address mode from the lower two bits of B'11
to B'10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com