| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 565 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 565 Page - Renesas Technology Corp |
|
565 / 1504 page ![]() Section 11 EXDMA Controller (EXDMAC) Rev. 2.00 Sep. 24, 2008 Page 533 of 1468 REJ09B0412-0200 The cluster size is decremented regardless of the read or write operation in the consecutive write sequences. Cluster buffer Transfer source memory Transfer destination memory MSB H'AA0000 Long Word Long Word Long Word Word Byte Byte H'AA0004 H'AA0008 H'AA000C H'AA0010 LSB 1 2 3 4 2 3 4 1 2 3 4 5 5 6 6 H'BB0000 Long Word Long Word Long Word Word Word H'BB0004 H'BB0008 H'BB000C H'BB0010 CLSBR0 CLSBR1 CLSBR2 CLSBR3 CLSBR4 CLSBR5 CLSBR6 CLSBR7 Figure 11.56 Odd Address Transfer (2) Cluster Transfer Read Address Mode (AMS = 1, DIRS = 0) In this mode, the transfer source address is specified in the source address register (EDSAR) and data is read from the transfer source and transferred to the cluster buffer. In this mode, the TSEIE bit in the mode control register (EDMDR) must be set to 1. Two data access size to 32 bytes can be specified as a cluster size for the consecutive read operation. The cycles in a cluster-size transfer are indivisible: another bus cycle (external access by another bus master, refresh cycle, or external bus release cycle) does not occur in a cluster-size transfer. ETEND pin output can be enabled or disabled by means of the ETENDE bit in EDMDR. ETEND is output for the last read cycle. When an idle cycle is inserted before the last read cycle, the ETEND signal is also output in the idle cycle. In this mode, the EDACKE bit in EDMDR must be set to 0 to disable the EDACK pin output. Figure 11.57 shows the data flow in the cluster transfer read address mode (from the external memory to the cluster buffer), and figure 11.58 shows an example of the timing in cluster transfer read address mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |