| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 545 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 545 Page - Renesas Technology Corp |
|
545 / 1504 page ![]() Section 11 EXDMA Controller (EXDMAC) Rev. 2.00 Sep. 24, 2008 Page 513 of 1468 REJ09B0412-0200 Figure 11.32 shows an example of block transfer mode transfer activated by the EDREQ pin low level. EDREQ pin sampling is performed in each cycle starting at the next rise of Bφ after the end of the DTE bit write cycle. When a low level is sampled at the EDREQ pin while acceptance of a transfer request via the EDREQ pin is possible, the request is held within the EXDMAC. Then when activation is initiated within the EXDMAC, the request is cleared. After the end of the write cycle, acceptance resumes and EDREQ pin low level sampling is performed again. This sequence of operations is repeated until the end of the transfer. Idle Idle Idle Minimum 3 cycles Minimum 3 cycles Transfer source Transfer destination Transfer destination Transfer source Read Write Read Write Bus release Bus release Bus release EXDMA read EXDMA write EXDMA read EXDMA write B φ EDREQ Address bus EXDMA control Channel [1] [2] [3] [4] [5] [6] [7] Acceptance resumed Acceptance resumed [1] Acceptance after transfer enabling; EDREQ pin low level is sampled at rise of Bφ, and request is held. [2], [5] Request is cleared at end of next bus cycle, and activation is started in EXDMAC. [3], [6] EXDMA cycle starts. [4], [7] Acceptance is resumed after completion of write cycle. (As in [1], EDREQ pin low level is sampled at rise of Bφ, and request is held.) One block transfer One block transfer Request Request Request clearance period Request clearance period Figure 11.32 Example of Block Transfer Mode Transfer Activated by EDREQ Pin Low Level |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |