| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 544 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 544 Page - Renesas Technology Corp |
|
544 / 1504 page ![]() Section 11 EXDMA Controller (EXDMAC) Rev. 2.00 Sep. 24, 2008 Page 512 of 1468 REJ09B0412-0200 (5) EDREQ Pin Low Level Activation Timing Figure 11.31 shows an example of normal transfer mode transfer activated by the EDREQ pin low level. EDREQ pin sampling is performed in each cycle starting at the next rise of Bφ after the end of the DTE bit write cycle. When a low level is sampled at the EDREQ pin while acceptance of a transfer request via the EDREQ pin is possible, the request is held within the EXDMAC. Then when activation is initiated within the EXDMAC, the request is cleared. After the end of the write cycle, acceptance resumes and EDREQ pin low level sampling is performed again. This sequence of operations is repeated until the end of the transfer. Idle Idle Idle Minimum 3 cycles Minimum 3 cycles Transfer source Transfer destination Transfer destination Transfer source Read Write Read Write Bus release Bus release Bus release EXDMA read EXDMA write EXDMA read EXDMA write B φ EDREQ Address bus EXDMA control Channel [1] [2] [3] [4] [5] [6] [7] Transfer request enable resumed Transfer request enable resumed [1] Acceptance after transfer enabling; EDREQ pin low level is sampled at rise of Bφ, and request is held. [2], [5] Request is cleared at end of next bus cycle, and activation is started in EXDMAC. [3], [6] EXDMA cycle starts. [4], [7] Acceptance is resumed after completion of write cycle. (As in [1], EDREQ pin low level is sampled at rise of Bφ, and request is held.) Request Request Duration of transfer request disabled Duration of transfer request disabled Figure 11.31 Example of Normal Transfer Mode Transfer Activated by EDREQ Pin Low Level |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |