| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 542 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 542 Page - Renesas Technology Corp |
|
542 / 1504 page ![]() Section 11 EXDMA Controller (EXDMAC) Rev. 2.00 Sep. 24, 2008 Page 510 of 1468 REJ09B0412-0200 (4) EDREQ Pin Falling Edge Activation Timing Figure 11.29 shows an example of normal transfer mode transfer activated by the EDREQ pin falling edge. EDREQ pin sampling is performed in each cycle starting at the next rise of Bφ after the end of the DTE bit write cycle. When a low level is sampled at the EDREQ pin while acceptance of a transfer request via the EDREQ pin is possible, the request is held within the EXDMAC. Then when activation is initiated within the EXDMAC, the request is cleared, and EDREQ pin high level sampling for edge sensing is started. If EDREQ pin high level sampling is completed by the end of the EXDMA write cycle, acceptance resumes after the end of the write cycle, and EDREQ pin low level sampling is performed again. This sequence of operations is repeated until the end of the transfer. Request Request Request clearance period Request clearance period Minimum 3 cycles Minimum 3 cycles Transfer source Transfer destination Transfer destination Transfer source Bus release Bus release Bus release EXDMA read EXDMA write EXDMA read EXDMA write B φ EDREQ Address bus EXDMA control Channel [1] [2] [3] [4] [5] [6] [7] Acceptance resumed Acceptance resumed [1] Acceptance after transfer enabling; EDREQ pin low level is sampled at rise of Bφ, and request is held. [2], [5] Request is cleared at end of next bus cycle, and activation is started in EXDMAC. [3], [6] EXDMA cycle starts; EDREQ pin high level sampling is started at rise of Bφ. [4], [7] When EDREQ pin high level has been sampled, acceptance is resumed after completion of write cycle. (As in [1], EDREQ pin low level is sampled at rise of Bφ, and request is held.) Idle Idle Idle Read Write Read Write Figure 11.29 Example of Normal Transfer Mode Transfer Activated by EDREQ Pin Falling Edge |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |