| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 522 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 522 Page - Renesas Technology Corp |
|
522 / 1504 page ![]() Section 11 EXDMA Controller (EXDMAC) Rev. 2.00 Sep. 24, 2008 Page 490 of 1468 REJ09B0412-0200 11.5.3 Activation Sources The EXDMAC is activated by an auto request or an external request. This activation source is selected by the DTF1 or DTF0 bit in EDMDR. (1) Activation by Auto-Request The transfer request signal is automatically generated in EXDMAC with auto-request activation when no transfer request signal is generated from external or peripheral modules, incase of transfer among memory or between memory and peripheral modules that cannot generate the transfer request signal. The transfer starts when the DTE bit in EDMDR is set to 1 with auto- request activation. The bus mode can be selected from cycle steal mode and burst mode with auto- request activation. (2) Activation by External Request Transfer is started by the transfer request signal ( EDREQ) from the external device for activation by an external request. When the EXDMA transfer is enabled (DTE = 1), the EXDMA transfer starts by EDREQ input. The transfer request signal is accepted by the EDREQ pin. The EDREQS bit in EDMDR selects whether the EDREQ is detected by falling edge sensing or low level sensing. When the EDRAKE bit in EDMDR is set to 1, the signal notifying transfer request acceptance is output from the EDRAK pin. The EDRAK signal is accepted for one external request and is output when transfer processing starts. When specifying an external request as an activation source, set the DDR bit to 0 and the ICR bit to 1 on the corresponding pin in advance. For details, see section 13, I/O Ports. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |