Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 518 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 518 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 514Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 515Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 516Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 517Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 518Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 519Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 520Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 521Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 522Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 518 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 486 of 1468
REJ09B0412-0200
Transfer
Total transfer
size (EDTCR)
Address T
A
Address B
A
Address TB
Address BB
Figure 11.8 Normal Transfer Mode Operation
(2)
Repeat Transfer Mode
In repeat transfer mode, transfer of one data access size unit is processed in response to one
transfer request. The total transfer size of up to 4 Gbytes can be set by EDTCR. The repeat size of
up to 64 kbytes
× data access size can be set by EDBSR.
The ARS1 and ARS0 bits in EDACR specify the repeat area on the source address or destination
address side. The address specified for the repeat area is restored to the transfer start address at the
end of a repeat-size transfer. This operation continues until transfer of total transfer size set in
EDTCR ends. EDTCR specified with H'00000000 is assumed as free-running mode and the repeat
transfer continues until the DTE bit in EDMDR is cleared to 0.
At the end of a repeat-size transfer, the EXDMA transfer is halted temporarily and a repeat size
end interrupt is requested to the CPU or DTC. When the RPTIE bit in EDACR is set to 1 and the
next transfer request is generated at the end of a repeat-size transfer, the ESIF bit in EDMDR is set
to 1 and the DTE bit in EDMDR is cleared to 0 to terminate the transfer. At this time, an interrupt
is requested to the CPU or DTC when the ESIE bit in EDMDR is set to 1.
The timing of EXDMA transfer including the
ETEND or EDRAK output is the same as for
normal transfer mode.
Figure 11.9 shows the repeat transfer mode operation in dual address mode.
The operation without specifying a repeat area on the source or destination address side is the
same as for the normal transfer mode operation shown in figure 11.8. In this case, a repeat size end
interrupt can also be generated at the end of a repeat-size transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com