Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 519 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 519 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 515Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 516Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 517Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 518Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 519Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 520Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 521Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 522Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 523Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 519 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 487 of 1468
REJ09B0412-0200
Transfer
Address T
A
Address T
B
Address B
B
Address B
A
Operation with the repeat area
specified on the source address side
Total transfer
size (EDTCR)
Repeat size
(BKSZH
×
data access size)
Figure 11.9 Repeat Transfer Mode Operation
(3)
Block Transfer Mode
In block transfer mode, transfer of one block size unit is processed in response to one transfer
request. The total transfer size of up to 4 Gbytes can be set by EDTCR. The block size of up to 64
kbytes
× data access size can be set by EDBSR.
A transfer request from another channel is held pending during one block transfer. When one-
block transfer is completed, the bus mastership is released for another bus master.
A block area can be specified by the ARS1 or ARS0 bit in EDACR on the source or destination
address side. The address specified for the block area is restored to the transfer start address each
time one-block transfer completes. When no repeat area is specified on the source and destination
address sides, the address is not restored to the transfer start address and the operation proceeds to
the next sequence. A repeat size end interrupt can be generated.
The
ETEND signal is output for each block transfer in the EXDMA transfer cycle in which the
block ends. The
EDRAK signal is output once for one transfer request (for transfer of one block).
Caution is required when setting the extended repeat area overflow interrupt in block transfer
mode. For details, see section 11.5.5, Extended Repeat Area Function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com