| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 473 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 473 Page - Renesas Technology Corp |
|
473 / 1504 page ![]() Section 10 DMA Controller (DMAC) Rev. 2.00 Sep. 24, 2008 Page 441 of 1468 REJ09B0412-0200 (3) Activation Timing by DREQ Falling Edge Figure 10.36 shows an example of single address mode activated by the DREQ signal falling edge. The DREQ signal is sampled every cycle from the next rising edge of the Bφ signal immediately after the DTE bit write cycle. When a low level of the DREQ signal is detected while a transfer request by the DREQ signal is enabled, a transfer request is held in the DMAC. When the DMAC is activated, the transfer request is cleared and starts detecting a high level of the DREQ signal for falling edge detection. If a high level of the DREQ signal has been detected until completion of the single cycle, receiving the next transfer request resumes and then a low level of the DREQ signal is detected. This operation is repeated until the transfer is completed. Request Wait Wait Wait Request Min. of 3 cycles Min. of 3 cycles Transfer source/ Transfer destination Single Bus released Bus released Bus released DMA single cycle DMA single cycle B φ DREQ Address bus DMA operation Channel [1] [2] [3] [4] [5] [6] [7] Transfer request enable resumed Transfer request enable resumed [1] After DMA transfer request is enabled, a low level of the DREQ signal is detected at the rising edge of the Bφ signal and a transfer request is held. [2][5] The DMAC is activated and the transfer request is cleared. [3][6] A DMA cycle is started and sampling the DREQ signal at the rising edge of the Bφ signal is started to detect a high level of the DREQ signal. [4][7] When a high level of the DREQ signal has been detected, transfer enable is resumed after completion of the write cycle. (A low level of the DREQ signal is detected at the rising edge of the Bφ signal and a transfer request is held. This is the same as [1].) Transfer source/ Transfer destination Single DACK Duration of transfer request disabled Duration of transfer request disabled Figure 10.36 Example of Transfer in Single Address Mode Activated by DREQ Falling Edge |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |