Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 472 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 472 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 468Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 469Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 470Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 471Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 472Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 473Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 474Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 475Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 476Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 472 / 1504 page
background image
Section 10 DMA Controller (DMAC)
Rev. 2.00 Sep. 24, 2008 Page 440 of 1468
REJ09B0412-0200
(2)
Single Address Mode (Write and Cycle Stealing)
In single address mode, data of one byte, one word, or one longword is transferred at a single
transfer request and after the transfer the bus is released temporarily. One bus cycle or more by the
CPU or DTC are executed in the bus released cycles.
In figure 10.35, the
TEND signal output is enabled and data is transferred in bytes from the
external 8-bit 2-state access space to the external device in single address mode (write).
Bus
released
Bus
released
DMA write
cycle
B
φ
Address bus
Bus
released
Bus
released
Last transfer
cycle
TEND
DACK
DMA write
cycle
DMA write
cycle
DMA write
cycle
LLWR
Bus
released
Figure 10.35 Example of Transfer in Single Address Mode (Byte Write)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com