| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 470 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 470 Page - Renesas Technology Corp |
|
470 / 1504 page ![]() Section 10 DMA Controller (DMAC) Rev. 2.00 Sep. 24, 2008 Page 438 of 1468 REJ09B0412-0200 (6) Activation Timing by DREQ Low Level with NRD = 1 When the NRD bit in DMDR is set to 1, the timing of receiving the next transfer request is delayed for one cycle. Figure 10.33 shows an example of normal transfer mode activated by the DREQ signal low level with NRD = 1. The DREQ signal is sampled every cycle from the next rising edge of the Bφ signal immediately after the DTE bit write cycle. When a low level of the DREQ signal is detected while a transfer request by the DREQ signal is enabled, a transfer request is held in the DMAC. When the DMAC is activated, the transfer request is cleared. Receiving the next transfer request resumes after completion of the write cycle and then a low level of the DREQ signal is detected. This operation is repeated until the transfer is completed. Duration of transfer request disabled Transfer source Transfer destination Transfer destination Transfer source Bus released Bus released Bus released DMA read cycle DMA write cycle DMA read cycle DMA write cycle B φ DREQ Address bus Channel [1] [2] [3] [4] [5] [6] [7] Transfer request enable resumed Transfer request enable resumed [1] After DMA transfer request is enabled, a low level of the DREQ signal is detected at the rising edge of the Bφ signal and a transfer request is held. [2][5] The DMAC is activated and the transfer request is cleared. [3][6] A DMA cycle is started. [4][7] Transfer request enable is resumed one cycle after completion of the write cycle. (A low level of the DREQ signal is detected at the rising edge of the Bφ signal and a transfer request is held. This is the same as [1].) Request Request Min. of 3 cycles Min. of 3 cycles Duration of transfer request disabled which is extended by NRD Duration of transfer request disabled which is extended by NRD Duration of transfer request disabled Figure 10.33 Example of Transfer in Normal Transfer Mode Activated by DREQ Low Level with NRD = 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |