Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 187 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 187 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 183Page - Renesas Technology Corp R8C/20 Datasheet HTML 184Page - Renesas Technology Corp R8C/20 Datasheet HTML 185Page - Renesas Technology Corp R8C/20 Datasheet HTML 186Page - Renesas Technology Corp R8C/20 Datasheet HTML 187Page - Renesas Technology Corp R8C/20 Datasheet HTML 188Page - Renesas Technology Corp R8C/20 Datasheet HTML 189Page - Renesas Technology Corp R8C/20 Datasheet HTML 190Page - Renesas Technology Corp R8C/20 Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 501 page
background image
R8C/20 Group, R8C/21 Group
14. Timers
Rev.2.00 Aug 27, 2008
Page 171 of 458
REJ09B0250-0200
i = 0 or 1, j = either A, B, C or D
Table 14.23
Input Capture Function Specifications
Item
Specification
Count Sources
f1, f2, f4, f8, f32, fOCO40M
External signal input to the TRDCLK pin (valid edge selected by a
program)
Count Operations
Increment
Count Period
When the CCLR2 to CCLR0 bits in the TRDCRi register are set to 000b
(free-running operation).
1/fk × 65536 fk: Frequency of count source
Count Start Condition
Write 1 (count starts) to the TSTARTi bit in the TRDSTR register.
Count Stop Condition
Write 0 (count stops) to the TSTARTi bit in the TRDSTR register when
the CSELi bit in the TRDSTR register is set to 1.
Interrupt Request Generation
Timing
• Input capture (valid edge of TRDIOji input or fOCO128 signal edge)
• TRDi register overflows
TRDIOA0 Pin Function
Programmable I/O port, input-capture input, or TRDCLK (external clock)
input
TRDIOB0, TRDIOC0,
TRDIOD0, TRDIOA1 to
TRDIOD1 Pin Functions
Programmable I/O port, or input-capture input
(Select every pin)
INT0 Pin Function
Programmable I/O port or INT0 interrupt input
Read from Timer
The count value can be read by reading the TRDi register.
Write to Timer
• When the SYNC bit in the TRDMR register is set to 0 (channels 0 and
1 operate independently).
• Data can be written to the TRDi register.
• When the SYNC bit in the TRDMR register is set to 1 (channels 0 and
1 operate synchronously.)
• Data can be written to both the TRD0 and TRD1 registers by writing to
the TRDi register.
Selection Functions
• Input-capture input pin selected
Either 1 pin or multiple pins of the TRDIOAi, TRDIOBi, TRDIOCi or
TRDIODi pin.
• Input-capture input valid edge selected
The rising edge, falling edge or both the rising and falling edges
• The timing when the TRDi register is set to 0000h
At overflow or input capture
• Buffer operation (refer to 14.3.2 Buffer Operation)
• Synchronous operation (refer to 14.3.3 Synchronous Operation)
• Digital filter
The TRDIOji input is sampled, and when the sampled input level match
3 times, its level is assumed as a determination.
• Input-capture trigger selected
fOCO128 can be selected for input-capture trigger input of the
TRDGRA0 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com