| Electronic Components Datasheet Search |
|
R8C/20 Datasheet(PDF) 184 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/20 Datasheet(HTML) 184 Page - Renesas Technology Corp |
|
184 / 501 page ![]() R8C/20 Group, R8C/21 Group 14. Timers Rev.2.00 Aug 27, 2008 Page 168 of 458 REJ09B0250-0200 14.3.4 Pulse Output Forced Cutoff In the output compare function, PWM mode, reset synchronous PWM mode, complementary PWM mode and PWM3 mode, the TRDIOji output pin can be forcibly set to the programmable I/O port by the INT0 pin input, and pulse output can be cut off. The used pins for the output in these functions or modes can function as the output pin of Timer RD when setting the applicable bit in the TRDOER1 register to 0 (enable Timer RD output). When the PTO bit in the TRDOER2 register to 1 (INT0 of pulse output forced cutoff signal input enabled), all bits in the TRDOER1 register are set to 1 (disable Timer RD output, the TRDIOji output pin is used as the programmable I/O port) after “L” is applied to the INT0 pin. The TRDIOji output pin is set to the programmable I/O port after “L” is applied to the INT0 pin and waiting for 1 to 2 cycles of the Timer RD operation clock (refer to Table 14.11 Timer RD Operation Clocks). Set as below when using this function: • Set the pin status (high impedance, “L” or “H” output) with the pulse output forced cutoff by the P2 and PD2 registers. • Set the INT0EN bit in the INTEN register to 1 (enable INT0 input) and the INT0PL bit to 0 (one edge). • Set the PD4_5 bit in the PD4 register to 0 (input mode). • Set the INT0 digital filter by the INT0F1 to INT0F0 bits in the INTF register. • Set the PTO bit in the TRDOER2 register to 1 (enable pulse output forced cutoff signal input INT0). According to the selection of the POL bit in the INT0IC register and change of the INT0 pin input, the IR bit in the INT0IC register is set to 1 (interrupt request). Refer to 12. Interrupts for details of interrupts. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |