Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 169 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 169 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 165Page - Renesas Technology Corp R8C/20 Datasheet HTML 166Page - Renesas Technology Corp R8C/20 Datasheet HTML 167Page - Renesas Technology Corp R8C/20 Datasheet HTML 168Page - Renesas Technology Corp R8C/20 Datasheet HTML 169Page - Renesas Technology Corp R8C/20 Datasheet HTML 170Page - Renesas Technology Corp R8C/20 Datasheet HTML 171Page - Renesas Technology Corp R8C/20 Datasheet HTML 172Page - Renesas Technology Corp R8C/20 Datasheet HTML 173Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 501 page
background image
R8C/20 Group, R8C/21 Group
14. Timers
Rev.2.00 Aug 27, 2008
Page 153 of 458
REJ09B0250-0200
Figure 14.23
TRBIOC Register in Programmable Wait One-Shot Generation Mode
Timer RB I/O Control Register
Symbol
Address
After Reset
TRBIOC
010Ah
00h
Bit Symbol
Bit Name
Function
RW
0 : INT0
_____
pin one-shot trigger disabled
1 : INT0
_____
pin one-shot trigger enabled
NOTE:
1.
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
One-shot trigger polarity
select bit(1)
—
(b7-b4)
—
Refer to 14.2.3.1 One-shot Trigger Selection.
b3 b2
INOSEG
b1 b0
0
INOSTG
b7 b6 b5 b4
RW
TOCNT
RW
TOPL
Timer RB output level select
bit
0 : Outputs one-shot pulse “H”
Outputs “L” w hen the timer is stopped or
during w ait
1 : Outputs one-shot pulse “L”
Outputs “H” w hen the timer is stopped or
during w ait
Timer RB output sw itch bit
Set to 0 in programmable w ait one-shot generation
mode
RW
RW
One-shot trigger control bit(1)
0 : Falling edge trigger
1 : Rising edge trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com