Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 168 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 168 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 164Page - Renesas Technology Corp R8C/20 Datasheet HTML 165Page - Renesas Technology Corp R8C/20 Datasheet HTML 166Page - Renesas Technology Corp R8C/20 Datasheet HTML 167Page - Renesas Technology Corp R8C/20 Datasheet HTML 168Page - Renesas Technology Corp R8C/20 Datasheet HTML 169Page - Renesas Technology Corp R8C/20 Datasheet HTML 170Page - Renesas Technology Corp R8C/20 Datasheet HTML 171Page - Renesas Technology Corp R8C/20 Datasheet HTML 172Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 501 page
background image
R8C/20 Group, R8C/21 Group
14. Timers
Rev.2.00 Aug 27, 2008
Page 152 of 458
REJ09B0250-0200
NOTES:
1. The set value is reflected at the following one-shot pulse after writing to registers TRBSC and
TRBPR.
2. Do not set both the TRBPRE and TRBPR registers to 00h.
Table 14.10
Programmable Wait One-Shot Generation Mode Specifications
Item
Specification
Count Sources
f1, f2, f8, timer RA underflow
Count Operations
• Decrement the setting value in timer RB primary
• When a count of timer RB primary underflows, the timer reloads the
contents of the timer RB secondary before the count continues.
• When a count of timer RB secondary underflows, the timer reloads the
contents of the timer RB primary before the count completes and the
TOSSTF bit is set to 0 (one-shot stops).
• When a count stops, the timer reloads the contents of the reload register
before it stops.
Wait Time
(n+1)(m+1)/fi
fi: Count source frequency
n: Setting value in the TRBPRE register, m: Setting value in the TRBPR register(2)
One-Shot Pulse Output Time (n+1)(p+1)/fi
fi: Count source frequency
n: Setting value in the TRBPRE register, p: Setting value in the TRBSC register
Count Start Conditions
• The TSTART bit in the TRBCR register is set to 1 (count starts) and the
next trigger is generated.
• Set the TOSST bit in the TRBOCR register to 1 (one-shot starts)
• Input trigger to the INT0 pin
Count Stop Conditions
• When reloading completes after timer RB underflows during secondary period
• When the TOSSP bit in the TRBOCR register is set to 0 (one-shot stops)
• When the TSTART bit in the TRBCR register is set to 0 (starts counting)
• When the TSTOP bit in the TRBCR register is set to 1 (forcibly stops
counting)
Interrupt Request
Generation Timing
In half cycles of the count source after timer RB underflows during
secondary period (complete at the same time as waveform output from the
TRBO pin) [timer RB interrupt]
TRBO Pin Function
Pulse output
INT0 Pin Functions
• When the INOSTG bit in the TRBIOC register is set to 0 (INT0 one-shot
trigger disabled), programmable I/O port or INT0 interrupt input
• When the INOSTG bit in the TRBIOC register is set to 1 (INT0 one-shot
trigger enabled), external trigger (INT0 interrupt input)
Read from Timer
The count value can be read out by reading the TRBPR and TRBPRE
registers.
Write to Timer
• When registers TRBPRE, TRBSC, and TRBPR are written while the
count stops, values are written to both the reload register and counter.
• When registers TRBPRE, TRBSC, and TRBPR are written to during
count operation, values are written to the reload registers only.(1)
Select Functions
• Output level select function
The TOPL bit in the TRBIO register can select the output level of the
one-shot pulse waveform.
• One-shot trigger select function
Refer to 14.2.3.1 One-Shot Trigger Selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com