| Electronic Components Datasheet Search |
|
R8C/20 Datasheet(PDF) 149 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/20 Datasheet(HTML) 149 Page - Renesas Technology Corp |
|
149 / 501 page ![]() R8C/20 Group, R8C/21 Group 14. Timers Rev.2.00 Aug 27, 2008 Page 133 of 458 REJ09B0250-0200 14.1.5 Pulse Period Measurement Mode Pulse period measurement mode is mode to measure the pulse period of an external signal which inputs from the INT1/TRAIO pin (see Table 14.6 Pulse Period Measurement Mode Specifications). Figure 14.11 shows the TRAIOC Register in Pulse Period Measurement Mode and Figure 14.12 shows the Operating Example of Pulse Period Measurement Mode. NOTE: 1. Input the pulse whose period is longer than twice of the timer RA prescaler period. Input the longer pulse for “H” width and “L” width than the timer RA prescaler period. If the shorter pulse than the period is input to the TRAIO pin, the input may be disabled. Table 14.6 Pulse Period Measurement Mode Specifications Item Specification Count Sources f1, f2, f8, fOCO Count Operations • Decrement • After an active edge of measurement pulse is input, contents for the read-out buffer are retained at the first underflow of timer RA prescaler. Then timer RA reloads contents in the reload register at the second underflow of timer RA prescaler and continues counting. Count Start Condition Write 1 (count start) to the TSTART bit in the TRACR register Count Stop Conditions • Write 0 (count stop) to TSTART bit in the TRACR register • Write 1 (count forcibly stops) to the TSTOP bit in the TRACR register Interrupt Request Generation Timing • When timer RA underflows or reloads [timer RA interrupt] • Rising or falling of the TRAIO input (end of measurement period) [timer RA interrupt] INT1/TRAIO Pin Function Measurement pulse input(1) (INT1 interrupt input) TRAO Pin Function Programmable I/O port Read from Timer The count value can be read by reading the TRA and TRAPRE registers. Write to Timer • When registers TRAPRE and TRA are written while the count is stopped, values are written to both the reload register and counter. • When registers TRAPRE and TRA are written during the count, values are written to the reload register and counter (refer to 14.1.1.1 Timer Write Control during Count Operation). Select Functions • Measurement level select The TEDGSEL bit in the TRAIOC register can select the measurement period of input pulse. • Measurement pulse input pin select function P1_7 or P1_5 is selected by the TIOSEL bit in the TRAIOC register. • Digital filter function Bits TIPF0 and TIPF1 in the TRAIOC register enable or disable the digital filter and select the sampling frequency. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |