Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 121Page - Renesas Technology Corp R8C/20 Datasheet HTML 122Page - Renesas Technology Corp R8C/20 Datasheet HTML 123Page - Renesas Technology Corp R8C/20 Datasheet HTML 124Page - Renesas Technology Corp R8C/20 Datasheet HTML 125Page - Renesas Technology Corp R8C/20 Datasheet HTML 126Page - Renesas Technology Corp R8C/20 Datasheet HTML 127Page - Renesas Technology Corp R8C/20 Datasheet HTML 128Page - Renesas Technology Corp R8C/20 Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 501 page
background image
R8C/20 Group, R8C/21 Group
12. Interrupts
Rev.2.00 Aug 27, 2008
Page 109 of 458
REJ09B0250-0200
Controlling an interrupt with the I flag, IR bit, ILVL0 to ILVL2 bits and IPL by Timer RD (channel 0), Timer RD
(channel 1), clock synchronous serial I/O with chip select and I2C bus interface is the same as that by other
maskable interrupts. However, since an interrupt source is generated based on multiple interrupt request sources,
there are the following differences from other maskable interrupts:
• When bits in the enable register corresponding to set bits in the status register to 1 are set to 1 (enable
interrupt), the IR bit in the interrupt control register is set to 1 (interrupt requested).
• When either bits in the status register or bits in the enable register corresponding to bits in the status register, or
both of them are set to 0, the IR bit is set to 0 (interrupt not requested). Basically, even though the interrupt is
not acknowledged after the IR bit is set to 1, the interrupt request will not be maintained. Also, the IR bit is not
set to 0 although 0 is written to the IR bit.
• Since each bit in the status register is not automatically set to 0 even if the interrupt is acknowledged.
Therefore, the IR bit is not also automatically set to 0 when the interrupt is acknowledged. Set each bit in the
status register to 0 in the interrupt routine. Refer to the status register figure how to set each bit in the status
register to 0.
• When multiple bits in the enable register are set to 1 and other request sources are generated after the IR bit is
set to 1, the IR bit remains 1.
• When multiple bits in the enable register are set to 1, determine by the status register which request source
causes an interrupt.
Refer to chapters of each peripheral function (14.3 Timer RD, 16.2 Clock Synchronous Serial I/O with Chip
Select (SSU) and 16.3 I2C Bus Interface) for the status register and enable register.
Refer to 12.1.6 Interrupt Control for the interrupt control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com