Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 115Page - Renesas Technology Corp R8C/20 Datasheet HTML 116Page - Renesas Technology Corp R8C/20 Datasheet HTML 117Page - Renesas Technology Corp R8C/20 Datasheet HTML 118Page - Renesas Technology Corp R8C/20 Datasheet HTML 119Page - Renesas Technology Corp R8C/20 Datasheet HTML 120Page - Renesas Technology Corp R8C/20 Datasheet HTML 121Page - Renesas Technology Corp R8C/20 Datasheet HTML 122Page - Renesas Technology Corp R8C/20 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 501 page
background image
R8C/20 Group, R8C/21 Group
12. Interrupts
Rev.2.00 Aug 27, 2008
Page 103 of 458
REJ09B0250-0200
12.2.2
INTi Input Filter (i = 0 to 3)
The INTi input contains a digital filter. The sampling clock is selected by the INTiF1 to INTiF0 bits in the
INTF register. The IR bit in the INTiIC register is set to 1 (interrupt requested) when the INTi level is sampled
for every sampling clock and the sampled input level matches three times.
Figure 12.14 shows the Configuration of INTi Input Filter. Figure 12.15 shows Operating Example of INTi
Input Filter.
Figure 12.14
Configuration of INTi Input Filter
Figure 12.15
Operating Example of INTi Input Filter
i = 0 to 3
INTiF0, INTiF1: Bits in INTF register
INTiEN, INTiPL: Bits in INTEN register
= 01b
INTi
Port direction
register(1)
Sampling clock
Digital filter
(input level
matches 3x)
INTi interrupt
= 10b
= 11b
f32
f8
f1
INTiF1 to INTiF0
INTiEN
Other than
INTiF1 to INTiF0
= 00b
=00b
INTiPL = 0
INTiPL = 1
NOTE:
1. INT0: Port P4_5 direction register
INT1: Port P1_5 direction register when using P1_5 pin
P1_7 direction register when using P1_7 pin
INT2: Port P6_6 direction register
INT3: Port P6_7 direction register
Both Edges
Detection
Circuit
INTi input
Sampling
timing
IR bit in
INTiIC register
Set to 0 in program
NOTE:
1. This is an operation example when the INTiF1 to INTiF0 bits in the
INTiF register is set to 01b, 10b, or 11b (passing digital filter).
i = 0 to 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com