Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 445 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 445 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 441Page - Renesas Technology Corp R8C/20 Datasheet HTML 442Page - Renesas Technology Corp R8C/20 Datasheet HTML 443Page - Renesas Technology Corp R8C/20 Datasheet HTML 444Page - Renesas Technology Corp R8C/20 Datasheet HTML 445Page - Renesas Technology Corp R8C/20 Datasheet HTML 446Page - Renesas Technology Corp R8C/20 Datasheet HTML 447Page - Renesas Technology Corp R8C/20 Datasheet HTML 448Page - Renesas Technology Corp R8C/20 Datasheet HTML 449Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 445 / 501 page
background image
R8C/20 Group, R8C/21 Group
21. Usage Notes
Rev.2.00 Aug 27, 2008
Page 429 of 458
REJ09B0250-0200
21.2
Notes on Interrupts
21.2.1
Reading Address 00000h
Do not read the address 00000h by a program. When a maskable interrupt request is acknowledged, the CPU
reads interrupt information (interrupt number and interrupt request level) from 00000h in the interrupt
sequence. At this time, the acknowledged interrupt IR bit is set to 0.
If the address 00000h is read in a program, the IR bit for the interrupt which has the highest priority among the
enabled interrupts is set to 0. This may cause a problem that the interrupt is canceled, or an unexpected interrupt
is generated.
21.2.2
SP Setting
Set any value in the SP before an interrupt is acknowledged. The SP is set to 0000h after reset. Therefore, if an
interrupt is acknowledged before setting any value in the SP, the program may run out of control.
21.2.3
External Interrupt and Key Input Interrupt
Either an “L” level or an “H” level of width shown in the Electrical Characteristics is necessary for the signal
input to the INT0 to INT3 pins and KI0 to KI3 pins regardless of the CPU clocks. For details, refer to Table
20.19 External Interrupt INTi (i = 0 to 3) Input, Table 20.25 External Interrupt INTi (i = 0 to 3) Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com